Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1117BCP ROG Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS1117BCP ROG Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS1117BCP ROG
Download  TS1117BCP ROG Download
File Size   462.61 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1A Low Dropout Positive Voltage Regulator

TS1117BCP ROG Datasheet (PDF)

Go To PDF Page Download Datasheet
TS1117BCP ROG Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS1117BCP ROG
Download  TS1117BCP ROG Click to download

File Size   462.61 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1A Low Dropout Positive Voltage Regulator

TS1117BCP ROG Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS1117BCP ROG Product details

DESCRIPTION
TS1117B are high performance positive voltage
regulators are designed for use in applications requiring
low dropout performance at full rated current.
Additionally; TS1117B provides excellent regulation
over variations due to changes in line, load and
temperature. Outstanding features include low dropout
performance at rated current, fast transient response,
internal current limiting and thermal shutdown protection
of the output device. TS1117B are three terminal
regulators with fixed and adjustable voltage options
available in popular packages.

FEATURES
● Low Dropout Performance 1.5V max.
● Fast Transient Response
● Built-in thermal shutdown
● Output Current Limit
● Line Regulation Typical 0.2%
● Load Regulation Typical 0.05%
● Low-ESR Ceramic Capacitor (MLCC) required for
Stability.
● Good Ripple Rejection
● Compliant to RoHS Directive 2011/65/EU and
WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21

APPLICATION
● PC peripheral
● Communication
● Consumer equipment




Similar Part No. - TS1117BCP ROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1117BCP TSC-TS1117BCP Datasheet
152Kb / 6P
800mA Low Dropout Positive Voltage Regulator
TS1117BCP18 TSC-TS1117BCP18 Datasheet
152Kb / 6P
800mA Low Dropout Positive Voltage Regulator
TS1117BCP25 TSC-TS1117BCP25 Datasheet
152Kb / 6P
800mA Low Dropout Positive Voltage Regulator
TS1117BCP33 TSC-TS1117BCP33 Datasheet
152Kb / 6P
800mA Low Dropout Positive Voltage Regulator
TS1117BCP33ROG TSC-TS1117BCP33ROG Datasheet
364Kb / 8P
1A Low Dropout Positive Voltage Regulator
More results


Similar Description - TS1117BCP ROG

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
1A Low Dropout Positive Voltage Regulator
LM1117-1.5J3 CYSTEKEC-LM1117-1.5J3 Datasheet
383Kb / 7P
1A Low Dropout Positive Voltage Regulator
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
1A Low Dropout Positive Voltage Regulator
LM1117-1.5M3 CYSTEKEC-LM1117-1.5M3 Datasheet
372Kb / 7P
1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com